Part Number Hot Search : 
14150 1600XA 04598484 EP8706 B105J LA8515N ASE308 N6003
Product Description
Full Text Search
 

To Download TRAL01HTR10N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TOKEN
TRAL Chip Thin Film Inductors
Chip Thin-Film Inductors
Thin Film Chip inductors provide small-format protection (TRAL)
Preview Token TRAL chip inductors provide reliable protection against challenging EMI problems in high frequency filtering applications. This miniature wirewound inductor features a low seated height that stands only 0.23mm above the circuit board. It protects sensitive electronic circuitry and ensures high performance operation in a wide range of compact devices that are shrinking ever smaller in physical size. Token TRAL series uses a thin-film technology for high reliability and precision tolerances to 1% or 0.1nH. The TRAL thin-film inductor series is available in 0603, 0402, and 0201 sizes, in inductance values from 0.1 to 100nH, in tolerances down to 0.1nH or 1%, and with SRF (self-resonant frequency) tightly controlled. The technology characteristics make it ideal for the latest cellphone and PDA applications in addition to wireless network and Bluetooth enabled devices. Application of specific designs also available including different inductance values and Q specifications adjusted to frequency requirements. Customed designs and tighter tolerances are available on request. Thin Film Inductor is mounted in a surface mount package which assures mechanical stability, excellent lead coplanarity, and suitable for automatic pick and place equipment. The TRAL series is lead-free and RoHS compliant. Detailed specifications, both mechanical and electrical, please contact Token sales representative for more information. Features : - Tight Tolerance of 1% or 0.1nH. - Highly Stable Design for Critical Needs. - Stable Inductance in High Frequency Circuit. - Self Resonant Frequency Controlled within 10%. - A Photo Lithographic Single Layer Ceramic Chip. - High SRF, Excellent Q, Superior Temperature Stability. Applications : - Communication Appliances. - Wireless LAN, Bluetooth Module. - VCO,TCXO Circuit and RF Transceiver Module. - Cellular Telephone, Pagers and GPS Products.
Version 2010
http://www.token.com.tw/
rfq token.com.tw
01 of 08
TOKEN
Configurations & Dimensions (Unit: mm)
TRAL Chip Thin Film Inductors
Marking Electrode
Protective layer Cu Circuits Ni-Cr Ni Sn
C
D A
D
Alumina Oxide substrate
B
Codes TRAL01 (0201) TRAL02 (0402) TRAL03 (0603)
A 0.6 0.05 1.0 0.05 1.6 0.10
B 0.3 0.05 0.5 0.05 0.8 0.10
C 0.23 0.05 0.32 0.05 0.45 0.10
D 0.15 0.05 0.2 0.10 0.3 0.20
02 of 08
http://www.token.com.tw/
rfq token.com.tw
Version 2010
TOKEN
Part No. TRAL01*TR0N1 TRAL01*TR0N2 TRAL01*TR0N3 TRAL01*TR0N4 TRAL01*TR0N5 TRAL01*TR0N6 TRAL01*TR0N7 TRAL01*TR0N8 TRAL01*TR0N9 TRAL01*TR1N0 TRAL01*TR1N1 TRAL01*TR1N2 TRAL01*TR1N3 TRAL01*TR1N4 TRAL01*TR1N5 TRAL01*TR1N6 TRAL01*TR1N7 TRAL01*TR1N8 TRAL01*TR1N9 TRAL01*TR2N0 TRAL01*TR2N1 TRAL01*TR2N2 TRAL01*TR2N3 TRAL01*TR2N4 TRAL01*TR2N5 TRAL01*TR2N6 TRAL01*TR2N7 TRAL01*TR2N8 TRAL01*TR2N9 TRAL01*TR3N0 TRAL01*TR3N1 TRAL01*TR3N2 TRAL01*TR3N3 TRAL01*TR3N4 TRAL01*TR3N5 TRAL01*TR3N6 TRAL01*TR3N7 TRAL01*TR3N8 TRAL01*TR3N9 Inductance (nH) 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 1.5 1.6 1.7 1.8 1.9 2.0 2.1 2.2 2.3 2.4 2.5 2.6 2.7 2.8 2.9 3.0 3.1 3.2 3.3 3.4 3.5 3.6 3.7 3.8 3.9
TRAL Chip Thin Film Inductors
Tolerance (% or nH) 0.1, 0.2, 0.3nH 0.1, 0.2, 0.3nH 0.1, 0.2, 0.3nH 0.1, 0.2, 0.3nH 0.1, 0.2, 0.3nH 0.1, 0.2, 0.3nH 0.1, 0.2, 0.3nH 0.1, 0.2, 0.3nH 0.1, 0.2, 0.3nH 0.1, 0.2, 0.3nH 0.1, 0.2, 0.3nH 0.1, 0.2, 0.3nH 0.1, 0.2, 0.3nH 0.1, 0.2, 0.3nH 0.1, 0.2, 0.3nH 0.1, 0.2, 0.3nH 0.1, 0.2, 0.3nH 0.1, 0.2, 0.3nH 0.1, 0.2, 0.3nH 0.1, 0.2, 0.3nH 0.1, 0.2, 0.3nH 0.1, 0.2, 0.3nH 0.1, 0.2, 0.3nH 0.1, 0.2, 0.3nH 0.1, 0.2, 0.3nH 0.1, 0.2, 0.3nH 0.1, 0.2, 0.3nH 0.1, 0.2, 0.3nH 0.1, 0.2, 0.3nH 0.1, 0.2, 0.3nH 0.1, 0.2, 0.3nH 0.1, 0.2, 0.3nH 0.1, 0.2, 0.3nH 0.1, 0.2, 0.3nH 0.1, 0.2, 0.3nH 0.1, 0.2, 0.3nH 0.1, 0.2, 0.3nH 0.1, 0.2, 0.3nH 0.1, 0.2, 0.3nH Q (min) 8 / 500MHz 8 / 500MHz 8 / 500MHz 8 / 500MHz 8 / 500MHz 8 / 500MHz 8 / 500MHz 8 / 500MHz 8 / 500MHz 8 / 500MHz 8 / 500MHz 8 / 500MHz 8 / 500MHz 8 / 500MHz 8 / 500MHz 8 / 500MHz 8 / 500MHz 8 / 500MHz 8 / 500MHz 8 / 500MHz 8 / 500MHz 8 / 500MHz 8 / 500MHz 8 / 500MHz 8 / 500MHz 8 / 500MHz 8 / 500MHz 8 / 500MHz 8 / 500MHz 8 / 500MHz 8 / 500MHz 8 / 500MHz 8 / 500MHz 8 / 500MHz 8 / 500MHz 8 / 500MHz 8 / 500MHz 8 / 500MHz 8 / 500MHz DCR ()(max) 0.20 0.20 0.20 0.25 0.25 0.25 0.30 0.30 0.30 0.30 0.35 0.35 0.45 0.45 0.45 0.55 0.55 0.55 0.55 0.70 0.70 0.70 0.80 0.80 0.80 0.80 0.80 1.00 1.00 1.00 1.00 1.00 1.00 1.20 1.20 1.20 1.20 1.20 1.20 IDC (mA)(max) 400 400 400 350 350 350 300 300 300 300 300 300 250 250 250 200 200 200 200 200 200 200 150 150 150 150 150 150 150 150 150 150 150 150 150 150 150 150 150 SRF (GHz)(min) 9 9 9 9 9 9 9 9 9 9 9 9 9 9 9 9 9 9 9 8 8 8 8 8 8 8 8 6 6 6 6 6 6 6 6 6 6 6 6
(EIA 0201) Standard Electrical Specifications
Continued on the following page.
Version 2010
http://www.token.com.tw/ rfq token.com.tw
03 of 08
TOKEN
Continued from the preceding page.
Part No. TRAL01*TR4N0 TRAL01*TR4N4 TRAL01*TR4N7 TRAL01*TR4N9 TRAL01*TR5N6 TRAL01*TR6N1 TRAL01*TR6N8 TRAL01*TR7N4 TRAL01*TR8N2 TRAL01*TR9N1 TRAL01*TR9N2 TRAL01*TR10N Inductance (nH) 4.0 4.4 4.7 4.9 5.6 6.1 6.8 7.4 8.2 9.1 9.2 10
TRAL Chip Thin Film Inductors
Tolerance (% or nH) 0.1, 0.2, 0.3nH 0.1, 0.2, 0.3nH 0.1, 0.2, 0.3nH 0.1, 0.2, 0.3nH 2, 5% 2, 5% 2, 5% 2, 5% 2, 5% 2, 5% 2, 5% 2, 5% Q (min) 8 / 500MHz 8 / 500MHz 8 / 500MHz 8 / 500MHz 8 / 500MHz 8 / 500MHz 8 / 500MHz 8 / 500MHz 8 / 500MHz 8 / 500MHz 8 / 500MHz 8 / 500MHz DCR ()(max) 1.20 1.30 1.40 1.60 1.80 2.00 2.30 2.80 3.00 3.25 3.25 3.50 IDC (mA)(max) 150 140 130 130 130 120 110 110 110 100 100 80 SRF (GHz)(min) 6 6 6 6 4 4 4 4 3 3 3 2
Token is capable of manufacturing the optional spec based on customer's requirement.
04 of 08
http://www.token.com.tw/
rfq token.com.tw
Version 2010
TOKEN
Part No.
TRAL Chip Thin Film Inductors
(EIA 0402) Standard Electrical Specifications Inductance Tolerance Q DCR IDC (nH) (% or nH) (min) ()(max) (mA)(max) TRAL02*TR0N2 0.2 0.1/0.2/0.3(nH) 13 / 500MHz 0.10 800 TRAL02*TR0N4 0.4 0.1/0.2/0.3(nH) 13 / 500MHz 0.10 800 TRAL02*TR0N8 0.8 0.1/0.2/0.3(nH) 13 / 500MHz 0.15 700 TRAL02*TR1N0 1.0 0.1/0.2/0.3(nH) 13 / 500MHz 0.15 700 TRAL02*TR1N2 1.2 0.1/0.2/0.3(nH) 13 / 500MHz 0.15 700 TRAL02*TR1N5 1.5 0.1/0.2/0.3(nH) 13 / 500MHz 0.25 700 TRAL02*TR1N6 1.6 0.1/0.2/0.3(nH) 13 / 500MHz 0.25 560 TRAL02*TR1N8 1.8 0.1/0.2/0.3(nH) 13 / 500MHz 0.25 560 TRAL02*TR2N0 2.0 0.1/0.2/0.3(nH) 13 / 500MHz 0.35 560 TRAL02*TR2N2 2.2 0.1/0.2/0.3(nH) 13 / 500MHz 0.35 440 TRAL02*TR2N7 2.7 0.1/0.2/0.3(nH) 13 / 500MHz 0.35 440 TRAL02*TR3N1 3.1 0.1/0.2/0.3(nH) 13 / 500MHz 0.45 380 TRAL02*TR3N3 3.3 0.1/0.2/0.3(nH) 13 / 500MHz 0.45 380 TRAL02*TR3N6 3.6 0.1/0.2/0.3(nH) 13 / 500MHz 0.55 380 TRAL02*TR3N9 3.9 0.1/0.2/0.3(nH) 13 / 500MHz 0.55 340 TRAL02*TR4N7 4.7 0.1/0.2/0.3(nH) 13 / 500MHz 0.65 320 TRAL02*TR5N6 5.6 0.1/0.2/0.3(nH) 13 / 500MHz 0.85 280 TRAL02*TR5N9 5.9 0.1/0.2/0.3(nH) 13 / 500MHz 0.85 280 TRAL02*TR6N8 6.8 0.1/0.2/0.3(nH) 13 / 500MHz 1.05 260 TRAL02*TR7N2 7.2 0.1/0.2/0.3(nH) 13 / 500MHz 1.05 260 TRAL02*TR8N0 8.0 0.1/0.2/0.3(nH) 13 / 500MHz 1.25 220 TRAL02*TR8N2 8.2 0.1/0.2/0.3(nH) 13 / 500MHz 1.25 220 TRAL02*TR9N1 9.1 0.1/0.2/0.3(nH) 13 / 500MHz 1.25 220 TRAL02*TR10N 10 1/2/3/5(%) 13 / 500MHz 1.35 200 TRAL02*TR12N 12 1/2/3/5(%) 13 / 500MHz 1.55 180 TRAL02*TR13N8 13.8 1/2/3/5(%) 13 / 500MHz 1.75 180 TRAL02*TR15N 15 1/2/3/5(%) 13 / 500MHz 1.75 130 TRAL02*TR17N 17 1/2/3/5(%) 13 / 500MHz 1.95 100 TRAL02*TR18N 18 1/2/3/5(%) 13 / 500MHz 2.15 100 TRAL02*TR20N8 20.8 1/2/3/5(%) 13 / 500MHz 2.55 90 TRAL02*TR22N 22 1/2/3/5(%) 13 / 500MHz 2.65 90 TRAL02*TR27N 27 1/2/3/5(%) 13 / 500MHz 3.25 75 TRAL02*TR33N 33 1/2/3/5(%) 13 / 500MHz 3.75 75 Token is capable of manufacturing the optional spec based on customer's requirement. SRF (GHz)(min) 14 14 14 12 12 10 10 10 8 8 8 6 6 6 6 6 6 6 6 6 5.5 5.5 5.5 4.5 3.7 3.7 3.3 3.1 3.1 2.8 2.8 2.5 2.5
Version 2010
http://www.token.com.tw/
rfq token.com.tw
05 of 08
TOKEN
Part No. TRAL03*TR1N0 TRAL03*TR1N2 TRAL03*TR1N5 TRAL03*TR1N8 TRAL03*TR2N2 TRAL03*TR2N7 TRAL03*TR3N3 TRAL03*TR3N9 TRAL03*TR4N7 TRAL03*TR5N6 TRAL03*TR6N8 TRAL03*TR8N2 TRAL03*TR10N TRAL03*TR12N TRAL03*TR15N TRAL03*TR18N TRAL03*TR22N TRAL03*TR27N TRAL03*TR33N TRAL03*TR39N TRAL03*TR47N TRAL03*TR56N TRAL03*TR68N TRAL03*TRR10 Inductance (nH) 1.0 1.2 1.5 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 10 12 15 18 22 27 33 39 47 56 68 100
TRAL Chip Thin Film Inductors
(EIA 0603) Standard Electrical Specifications Tolerance (% or nH) 0.1/0.2/0.3(nH) 0.1/0.2/0.3(nH) 0.1/0.2/0.3(nH) 0.1/0.2/0.3(nH) 0.1/0.2/0.3(nH) 0.1/0.2/0.3(nH) 0.1/0.2/0.3(nH) 0.1/0.2/0.3(nH) 0.1/0.2/0.3(nH) 0.1/0.2/0.3(nH) 0.1/0.2/0.3(nH) 0.1/0.2/0.3(nH) 1/2/3/5(%) 1/2/3/5(%) 1/2/3/5(%) 1/2/3/5(%) 1/2/3/5(%) 1/2/3/5(%) 1/2/3/5(%) 1/2/3/5(%) 1/2/3/5(%) 1/2/3/5(%) 1/2/3/5(%) 1/2/3/5(%) Q (min) 15 / 300MHz 15 / 300MHz 15 / 300MHz 15 / 300MHz 15 / 300MHz 15 / 300MHz 15 / 300MHz 15 / 300MHz 15 / 300MHz 15 / 300MHz 15 / 300MHz 15 / 300MHz 15 / 300MHz 15 / 300MHz 15 / 300MHz 15 / 300MHz 15 / 300MHz 15 / 300MHz 15 / 300MHz 15 / 300MHz 15 / 300MHz 15 / 300MHz 15 / 300MHz 15 / 300MHz DCR ()(max) 0.35 0.35 0.35 0.35 0.35 0.45 0.45 0.45 0.55 0.65 0.75 0.95 0.95 1.05 1.35 1.65 1.95 2.35 2.75 3.00 3.00 5.00 5.00 7.50 IDC (mA)(max) 800 800 800 300 300 300 300 300 300 300 300 300 300 300 300 300 250 250 250 200 200 150 150 100 SRF (GHz)(min) 13 13 10 10 8 6 6 6 5 5 5 4 4 3 3 2 2 2 1.5 1.5 1.5 1 1 1
Token is capable of manufacturing the optional spec based on customer's requirement.
06 of 08
http://www.token.com.tw/
rfq token.com.tw
Version 2010
TOKEN
Reel & Packaging Quantity (Unit: mm)
TRAL Chip Thin Film Inductors
W
oC
oA oB
T
Codes TRAL01 TRAL02 TRAL03
A 178.0 1.0 178.0 1.0 178.0 1.0
B 60 1.0 60 1.0 60 1.0
C 13.5 0.7 13.5 0.7 13.5 0.7
W 9.5 1.0 9.5 1.0 9.5 1.0
T 11.5 1.0 11.5 1.0 11.5 1.0
Paper Tape (PCS) 10,000 10,000 5,000
Paper Tape (Unit: mm)
Bottom Tape Top Tape o D0 E B
T
F
W
Paper Tape
Resistor
A
P1
P2
P0
direction of unreeling
Codes A0.05 B0.05 W0.10 E0.05 F0.05 P00.10 P1 P20.05 D0 T TRAL01 0.40 0.70 8.00 1.75 3.5 4.00 2.000.05 2.00 1.550.03 0.420.02 TRAL02 0.70 1.16 8.00 1.75 3.5 4.00 2.000.05 2.00 1.550.05 0.400.03 TRAL03 1.10 1.90 8.00 1.75 3.5 4.00 4.000.10 2.00 1.550.05 0.600.03
Version 2010
http://www.token.com.tw/
rfq token.com.tw
07 of 08
TOKEN
Environmental Characteristics Item Bending Test Dielectric Withstand Voltage Insulation Resistance Resistance to Soldering Heat High Temperature Exposure Moisture Resistance Low Temperature Storage Temperature Cycle Solderability
TRAL Chip Thin Film Inductors
Specification As SPEC. >100V >1000MM L10% L10% L10% L10% L10% 95% min coverage Test Method JIS-C-5202-6.1.4 Bending Amplitude 3mm for 10 seconds MIL-STD-202F Method 301 Apply 100VA (rms) for 1minute. MIL-STD-202F Method 302 Apply 100VDC for 1minute. MIL-STD-202F Method 210E 2605C, 101seconds JIS-C-5202-7.2 852C, 1000 +48/-0 hours MIL-STD-202F Method 103B 402C, 90~95%RH, 1000 +48/-0 hours JIS-C-5202-7.1 -403C, 1000 +48/-0 hours JIS-C-5202-7.4 -40/RT/85/RT, 10 cycles MIL-STD-202F Method 208H 235C5C,20.5(sec)
Note: Storage Temperature: 253C; Humidity < 80%RH
How to Order
TRAL Dimensions (LxW) (mm)
Code
02
G
TR
10N
Part Number: TRAL01, TRAL02, TRAL03
Dimensions (LxW) EIA
Packaging: TR (Taping Reel) Inductance Code Inductance
1N0 1.0nH
01
02 03
0.60x0.30mm
1.00x0.50 mm 1.60x0.80 mm
EIA0201 EIA0402 EIA0603
10N 20N8
R10
10nH 20.8nH
100nHs
Inductance Tolerance Code Inductance Tolerance J 5% H 3% G 2% F 1% S 0.3nH
C B 0.2nH 0.1nH
Back to 1st Page - Chip Thin Film Inductors (TRAL)
08 of 08
http://www.token.com.tw/
rfq token.com.tw
Version 2010


▲Up To Search▲   

 
Price & Availability of TRAL01HTR10N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X